PART |
Description |
Maker |
AT83C5123XXX-PUTUM AT83C5123XXX-RARUM AT83C512208 |
C51 Microcontroller with USB and Smart Card Reader Interfaces
|
ATMEL Corporation http://
|
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
AT89C5131 AT89C5131-RFTIL |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, 7 USB Endpoints, TWI, SPI, UART, PCA 8-bit flash microcontroller with full speed USB device. Memory size 32 Kbytes. Supply voltage 3.0 to 3.6 V.
|
Atmel
|
AT83C51SND1 AT89C51SND1 |
C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes ROM. MultiMediaCard? DataFlash? SmartMedia? CompactFlash?and IDE Interfaces. SPI and Two-wire Interface (TWI). USB 1.1. Voice Recording. Low Power. In-System Programming via U C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes Flash. MultiMediaCard? DataFlash? SmartMedia? CompactFlash?and IDE Interfaces. SPI and Two-wire Interface (TWI). USB 1.1. Voice Recording. Low Power. In-System Programming via
|
Atmel
|
U9280M-H |
4-bit microcontroller plus transponder front end for combination of remote control and immobilizer function. MICROCONTROLER WITH TRANSPONDER INTERFACE
|
ATMEL[ATMEL Corporation]
|
22-16-2081 0022162081 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 8 Circuits
|
Molex Electronics Ltd.
|
22-16-2062 A-4455-AZ06B 0022162062 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.80μm (30μ) Gold (Au), 6 Circuits
|
Molex Electronics Ltd.
|
22-16-2211 A-4455-AZ21A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 21 Circuits
|
Molex Electronics Ltd.
|
22-16-2221 0022162221 A-4455-AZ22A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 22 Circuits
|
Molex Electronics Ltd.
|
22-16-2251 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 25 Circuits
|
Molex Electronics Ltd.
|
22-16-2171 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 17 Circuits
|
Molex Electronics Ltd.
|
22-16-2200 0022162200 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 20 Circuits
|
Molex Electronics Ltd.
|
|